Part Number Hot Search : 
L4TVS60A SC443103 7MBR1 SR250 ED050 1100H TLE7241E MAX515
Product Description
Full Text Search
 

To Download CP24J-FREQ-STBY1-SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  45 crystal units this is small leadless surface mount type crystal unit. features 8 compact and thin (7.8 3.4 1.1 mm). 8 standard nominal frequency for pll-system are lined up (ex. gsm, pdc, amps, tacs, etc.). 8 frequency pullability performance absolutely required for temperature compensation. 8 frequency characteristics provide for easy temperature compensation owing to its sta- ble characteristics close to crystal fit curve. 8 it is applicable to ir reflow. 8 taping package is for customer automatic loading operation. 8 display of temperature characteristics is possible using a two-dimensional data code. (refer page 43) standard frequency (mhz) 7.8 0.1 ? 0.08 ? 0.08 5.0 0.15 1.0 0.15 1.4 0.15 (4x) (2x) (4x) 2.2 0.1 0.6 0.15 (2x) #2 #1 1.1 -0.2 +0.1 1.0 0.15 3.4 0.1 internal connections reference footprint #2 #4 1.8 1.8 8.2 3.8 0.9 1.2 0.9 #3, #4, #5, #6, is connected with a cover (please connect with a gnd or a power supply) #1 #3 #6 #5 dimensions (mm) surface mount type crystal units / nx7834sa (cp24j) 10.368 10.752 12.6 12.8 13.0 13.56 13.824 14.4 14.85 15.0 15.36 16.0 16.368 16.8 19.2 19.44 19.440 19.68 19.8 20.736 if you need non-standard specification, please contact us. [type name] in ( ) is previous name. item type frequency range overtone frequency tolerance (25??c) temperature characteristics (in reference to +25?c) operating temperature range equivalent series resistance drive level standard load capacitance operable temperature range nx7834sa (cp24j) 9.6 mhz ~ 26 mhz fundamental 50 ? max 10 ? (100 ? max) 12pf ?0 ~ +85?c 10 10 -6 15 10 -6 ?0 ~ +85?c 10 10 -6 10 10 -6 ?0 ~ +75?c specification


▲Up To Search▲   

 
Price & Availability of CP24J-FREQ-STBY1-SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X